Part Number Hot Search : 
74HC368D SK310 03952 MJ16012 SW70N10V M74VHC AMN11112 W91531LN
Product Description
Full Text Search
 

To Download SBL1650CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL GALAXY ELECTRICAL
SCHOTTKY BARRIER RECTIFIER
FEATURES
Metal-Semiconductor junction with guard ring Epitaxial construction Low forward voltage drop,low switching losses High surge capability For use in low voltage,high frequency inverters free xxxx wheeling,and polarity protection applications The plastic material carries U/L recognition 94V-0
SBL1630CT - - - SBL16100CT
VOLTAGE RANGE: 30 --- 100 V CURRENT: 16 A
TO-220AB
MECHANICAL DATA
Case:JEDEC TO-220AB,molded plastic Terminals: Leads solderable per MIL- STD-750,Method 2026 Polarity: As marked Weight: 0.08ounce, 2.24 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SBL SBL SBL SBL SBL SBL SBL SBL 1630CT 1635CT 1640CT 1645CT 1650CT 1660CT 1680CT 16100CT
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current TC=95 Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load TJ=125 Maximum instantaneous forw ard voltage @ 8.0A Maximum reverse current @TC=25
UNITS
V V V A
VRRM VRMS VDC IF(AV)
30 21 30
35 25 35
40 28 40
45 32 45 16
50 35 50
60 42 60
80 56 80
100 70 100
IFSM VF IR RJC TJ TSTG
0.55
250
A
0.75 0.5 50 2.0 -55--- + 150 -55--- + 150
0.85
V mA /W
at rated DC blocking voltage @TC=100 Typical thermal resistance (Note1)
Operating junction temperature range Storage temperature range
Note: 1. Thermal resistance junction to case.
www.galaxycn.com
Document Number 0267035
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES PEAK FORWARD SURGE CURRENT,
SBL1630CT- - -SBL16100CT
FIG.2 -- FORWARD DERATING CURVE
250
18
16
200
AMPERES
8.3ms Single Half Sine Wave TJ=125
12
150
8
100
4
50
0 25 50 75 100 125 150
0 1
10
100
NUMBER OF CYCLES AT 60HZ
CASE TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD CURRENT,
INSTANTANEOUS REVERSE CURRENT, MILL AMPERES
10 Tc=100 1
200 100
SB1630CT-SBL1645CT
SBL1680CT-SBL16100CT
AMPERES
10
SBL1650CT-SBL1660CT
TC=25 .1
T J= 2 5 P u ls e w id t h = 3 0 0 1 % D u t y C y c le
s
1
.2
.4
.6
.8
1.0
1 .2
1 .4
1 .6
1 .8
2.0
2.2
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE,% INSTANTANEOUS FORWARD VOLTAGE, VOLTS
www.galaxycn.com
Document Number 0267035
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of SBL1650CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X